Part Number Hot Search : 
RLZ30B CLL4734A SI7625DN 7SZ12 FBI2M4S1 SI7625DN CN100 OP593
Product Description
Full Text Search
 

To Download CAT10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. model CAT10 - chip resistor array features lead free version available (see how to order ?ermination?options) rohs compliant* 4 isolated resistors in an 0804 size package e24 series from 10 ohms to 1 megohm concave termination style resistance tolerance ? % suitable for most types of soldering processes paper tape on plastic reel for automatic placement construction how to order ca t 10 - 103 j 4 __ chip arrays type ?t = concave model ?10 = 0804 package size resistance code ?103 = 10k ohms ?000 = zero-ohm jumper resistance tolerance ?j = ? % resistors ?4 = 4 pcs. terminations ?lf = tin-plated (lead free) ?blank = solder-plated characteristics number of elements..............4 (isolated) power rating per resistor @ 70 ? ......................................................31 mw package power rating @ 70 ?..125 mw operating temperature range .................................-55 ? to +125 ? derated to 0 load @..................+125 ? max. working voltage......................25 v max. overload voltage ....................50 v resistance tolerance .....................? % resistance range/e24 series ..........................10 ohms to 1 megohm plus zero-ohm jumper t.c.r..................................?50 ppm/? packaging ...........10,000 pieces per reel product dimensions land pattern 1.0 0.10 (.039 .004) 0.30 0.15 (.012 .006) 0.30 0.15 (.012 .006) 0.40 0.15 (.015 .006) 0.20 0.10 (.008 .004) 0.20 0.10 (.008 .004) 0.5 (.020) 2.0 0.10 (.079 .004) 0.28 0.10 (.011 .004) 0.25 (.010) 0.15 (.006) marking protective glass overcoat thick film resistive element conductor side termination high purity alumina substrate derating curve 100 80 60 40 20 0 rated load (%) -55 40 60 80 100 120 140 160 ambient temp. ( c) 70 c 125 c dimensions: mm (inches) isolated circuit 34 12 8765 rrrr *rohs compliant versions available 1.45 ~ 1.85 (0.057 ~ 0.073) 0.50 (0.020) 0.45 (0.018) 0.25 ~ 0.30 (0.010 ~ 0.012) for standard values used in capacitors, inductors, and resistors, click here.
packaging dimensions 4.0 0.1 (.158 .004) 1.5 + 0.1 - 0 (.059 + .004 - 0) 2.3 0.2 (.090 .008) 1.3 0.2 (.051 .008) 2.0 0.05 (.079 .002) 1.0 (.040) max. 0.5 (.020) max. 8.0 0.2 (.315 .008) 3.5 0.05 (.138 .002) 180 (7.087) 2.0 0.5 (.079 .020) 60 (2.362) 21.0 0.8 (.827 .031) 13.0 0.2 (.511 .008) 11.4 1.0 (.449 .040) 9.0 0.3 (.354 .012) model CAT10 - chip resistor array specifications are subject to change without notice. customers should verify actual device performance in their specific applications. rev. 04/06 soldering profile for lead free chip resistors and arrays 25 75 125 175 225 275 0 50 100 150 200 250 300 time (seconds) temperature (?) 60 - 120 seconds 60 - 90 seconds 260 ? peak 190 ? 150 ? 220 ? ramp down 3 ?/second 255 ? maximum of 20 seconds between +255 ? and +260 ? ramp up 3 ?/second maximum 10 seconds minimum <1> <1>


▲Up To Search▲   

 
Price & Availability of CAT10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X